Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

JS28F640J3A-150 Datasheet(PDF) 17 Page - Intel Corporation

No. de pieza JS28F640J3A-150
Descripción Electrónicos  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640J3A-150 Datasheet(HTML) 17 Page - Intel Corporation

Back Button JS28F640J3A-150 Datasheet HTML 13Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 14Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 15Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 16Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 17Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 18Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 19Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 20Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
17
GND
Supply
GROUND: Do not float any ground signals.
NC
—
NO CONNECT: Lead is not internally connected; it may be driven or floated.
RFU
—
RESERVED for FUTURE USE: Balls designated as RFU are reserved by Intel for future device
functionality and enhancement.
Table 3.
Signal Descriptions (Sheet 2 of 2)
Symbol
Type
Name and Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72