Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SP0505BAHT Datasheet(PDF) 4 Page - Littelfuse

No. de pieza SP0505BAHT
Descripción Electrónicos  TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0505BAHT Datasheet(HTML) 4 Page - Littelfuse

  SP0505BAHT Datasheet HTML 1Page - Littelfuse SP0505BAHT Datasheet HTML 2Page - Littelfuse SP0505BAHT Datasheet HTML 3Page - Littelfuse SP0505BAHT Datasheet HTML 4Page - Littelfuse SP0505BAHT Datasheet HTML 5Page - Littelfuse SP0505BAHT Datasheet HTML 6Page - Littelfuse SP0505BAHT Datasheet HTML 7Page - Littelfuse SP0505BAHT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
223
www .littelfuse .com
5
TVS Diode Arrays
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
Surface Mount TVS Avalanche Diode Array
e
HE
3
1
2
E
B
A1
A
D
C
L
A2
e
502
e
5
4
1
2
3
L
E HE
c
B
A1
A
D
A2
504
e
Outline Drawings
SP0502BAJT - SC70-3
SP0504BAJT - SC70-5
Package
Pins
JEDEC
A
A1
A2
B
c
D
E
e
HE
L
SC70-5
5
MO-203 Issue A
mm
inches
min
max
min
max
0.80
1.10
0.03
0.043
0.00
0.10
0.00
0.004
0.70
1.00
0.028
0.039
0.15
0.30
0.006
0.012
0.08
0.25
0.003
0.010
1.85
2.25
0.073
0.089
1.15
1.35
0.045
0.053
2.00
2.40
0.26
0.46
0.65 BSC
0.026 BSC
0.079
0.094
0.010
0.018
Package
Pins
JEDEC
A
A1
A2
B
c
D
E
e
HE
L
SC70-3
3
MO-203 Issue A
mm
inches
min
max
min
max
0.80
1.10
0.031
0.043
0.00
0.10
0.00
0.004
0.70
1.00
0.028
0.039
0.15
0.30
0.006
0.012
0.08
0.25
0.003
0.010
1.85
2.25
0.073
0.089
1.15
1.35
0.045
0.053
2.00
2.40
0.26
0.46
0.66 BSC
0.026 BSC
0.079
0.094
0.010
0.018



Html Pages

1 2 3 4 5 6 7 8