| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CYNVC-201-027 Datasheet(PDF) 2 Page - Cyntec Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
CYNVC-201-027 Datasheet(HTML) 2 Page - Cyntec Co., Ltd. |
|
2 / 7 page ![]() CYNTEC CO., LTD. 乾坤科技股份有限公司 Jan., 2020 DOCUMENT : CYNVC-201-027 (Preliminary specification) REVISION : A0 PAGE : 2 OF 7 Power Choke Coil VCSC108T MS6K type Features High performance (Isat) realized by metal dust core. Low loss realized with low DCR Compliance with RoHS and Halogen Free Application Automotive applications SEPIC circuit Outline Dimensions T H P Top view Bottom view Side view A' A1 1 2 3 W L B 12 43 4 Schematic Start Finish 1 2 4 3 Start Finish Code Dimensions (mm) L 10.80 0.35 W 10.0 0.3 T 8.0 Max. A1 2.4 0.5 B 3.1 0.3 A’ 2.5 0.1 P 1.6 0.2 H 0 ~ + 0.15 Issued |