Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AS5047U Datasheet(PDF) 20 Page - ams AG

No. de pieza AS5047U
Descripción Electrónicos  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMSCO [ams AG]
Página de inicio  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 20 Page - ams AG

Back Button AS5047U Datasheet HTML 16Page - ams AG AS5047U Datasheet HTML 17Page - ams AG AS5047U Datasheet HTML 18Page - ams AG AS5047U Datasheet HTML 19Page - ams AG AS5047U Datasheet HTML 20Page - ams AG AS5047U Datasheet HTML 21Page - ams AG AS5047U Datasheet HTML 22Page - ams AG AS5047U Datasheet HTML 23Page - ams AG AS5047U Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
Figure 25:
24-Bit Data Frame
The 32-Bit Frames have a PAD Word, which is applicable for
operation in daisy chain mode.
Figure 26:
32-Bit SPI Frame
Figure 27:
32-Bit Command Frame
Bit
Name
Description
23
ER
Warning Bit
22
Error Bit
21:8
DATA[13:0]
Data
7:0
CRC
Calculated CRC
Bit
Name
Description
31:24
PAD
PAD Number
23
0
Do Not care
22
RW
0: Write
1: Read
21:8
ADDR[13:0]
Address
7:0
CRC
Calculated CRC
ER
RDATA[13:0]
CRC-8
LSB
MSB
PAD[n-1:0]
ADDR[13:0]
CRC-8
LSB
MSB
31
21
0
CSn
MOSI
MISO
87
31
0
87
22
29
30
PAD[n-1:0]
16 15
RW
0
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51