Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAN202 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza DAN202
Descripción Electrónicos  Dual Surface Mount Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DAN202 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DAN202_V01 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DAN202_V01 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High speed.
High reliability.
Suitable for hig packing density layout.
Ultra high speed switching
Silicon epitaxial planar
Type No.
Marking
Package Code
DAN202
N
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
80
V
DC Reverse Voltage
VR
80
V
Forward continuous Current(Single)
IFM
300
mA
Forward continuous Current(Double)
IFM
450
mA
Average rectified forward current(Single)
IO
100
mA
Average rectified forward current(Double)
IO
150
mA
Non-repetitive forward Surge Current
@t=1.0us(Single)
@t=1.0us(Double)
Isurge
4
6
A
Power Dissipation
Pd
200
mW
Thermal resistance,junction to ambient air
RθJA
357
℃/W
Junction temperature
Tj
150
Storage temperature range
Tstg
-55 -+150
DAN202
Dual Surface Mount Fast Switching Diode
Features
Applications
Ordering Information
Dimensions in inches and (millimeters)
SOT-23
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Número de pieza similar - DAN202_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
DAN202-T1 WTE-DAN202-T1 Datasheet
94Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
October, 2018
logo
Cystech Electonics Corp...
DAN202C3 CYSTEKEC-DAN202C3 Datasheet
264Kb / 6P
Switching Diode
logo
Rohm
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
Diodes Incorporated
DAN202K DIODES-DAN202K Datasheet
63Kb / 4P
Ultra high speed switching
More results

Descripción similar - DAN202_V01

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Shenzhen Luguang Electr...
DAN202 LUGUANG-DAN202 Datasheet
224Kb / 2P
Dual Surface Mount Fast Switching Diode
DAP202 LUGUANG-DAP202 Datasheet
229Kb / 2P
Dual Surface Mount Fast Switching Diode
DAP202 LUGUANG-DAP202_V01 Datasheet
1Mb / 2P
Dual Surface Mount Fast Switching Diode
logo
Diodes Incorporated
BAS28 DIODES-BAS28 Datasheet
397Kb / 5P
DUAL SURFACE MOUNT FAST SWITCHING DIODE
May 2016 Rev. 2 - 2
BAS28Q DIODES-BAS28Q Datasheet
346Kb / 5P
DUAL SURFACE MOUNT FAST SWITCHING DIODE
September 2017 Rev. 1 - 2
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com