Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DP83261AVF Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza DP83261AVF
Descripción Electrónicos  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261AVF Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button DP83261AVF Datasheet HTML 74Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 75Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 76Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 77Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 78Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 79Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 80Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 81Page - National Semiconductor (TI) DP83261AVF Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 132 page
background image
70 Signal Descriptions (Continued)
7322 PDU Sequencing
The PDU Sequencing signals apply to the data and status available at the MAC Indicate Interface They are used to determine
the validity of the data (MID7 – 0) and parity (MIP) In addition the sequencing signals are used to determine the validity of the
Addressing Flags and the Frame Status such as the Control Indicators All timing is explained relative to the byte present on the
MAC Indicate Interface
Symbol
Pin
IO
Description
RCSTART
51
O
Receive Start
Indicates that a MAC PDU Starting Delimiter has been received It is asserted when
the Starting Delimiter is present at the MAC Indicate Interface
FCRCVD
52
O
Frame Control Received
Indicates that the Frame Control field is present It is asserted when the
Frame Control field is present at the MAC Indicate Interface
DARCVD
55
O
Destination Address Received
Indicates that the Destination Address has been received It is
asserted on the last byte of the Destination Address and remains asserted until the next PDU Starting
Delimiter is received
SARCVD
59
O
Source Address Received
Indicates that the Source Address has been received It is asserted on
the last byte of the Source Address and remains asserted until the next PDU Starting Delimiter is
received
INFORCVD
62
O
Information Field Received
Indicates that four bytes of the Information field have been received It
is asserted on the fourth byte of the INFO field and remains active until the next PDU Starting
Delimiter is received
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More