| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FXPS7115D4 Datasheet(PDF) 28 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXPS7115D4 Datasheet(HTML) 28 Page - NXP Semiconductors |
|
28 / 72 page ![]() NXP Semiconductors FXPS7115D4 Digital absolute pressure sensor, 40 kPa to 115 kPa FXPS7115D4 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product data sheet Rev. 3 — 5 December 2019 28 / 72 7.6 User-accessible data array A user-accessible data array allows each device to be customized. The array consists of a one time programmable (OTP) factory-programmable block, an OTP user- programmable block, and read-only registers for data and device status. The OTP blocks incorporate independent data verification. Table 32. User-accessible data — sensor specific information Bit Address Register Type[1] 7 6 5 4 3 2 1 0 General device information $00 COUNT R COUNT[7:0] $01 DEVSTAT R DSP_ERR reserved COMM_ERR MEMTEMP_ ERR SUPPLY_ ERR TESTMODE DEVRES DEVINIT $02 DEVSTAT1 R VCCUV_ ERR reserved VCCOV_ ERR reserved INTREGA_ ERR INTREG_ ERR INTREGF_ ERR CONT_ERR $03 DEVSTAT2 R F_OTP_ERR U_OTP_ ERR U_RW_ERR U_W_ ACTIVE reserved TEMP0_ ERR reserved reserved $04 DEVSTAT3 R MISO_ERR OSCTRAIN_ ERR reserved reserved reserved reserved reserved reserved $05 reserved R reserved $06 to $0D reserved R reserved $0E TEMPERATURE R TEMP[7:0] $0F reserved R reserved Communication information $10 DEVLOCK_WR R/W ENDINIT reserved reserved reserved SUP_ ERR_DIS reserved RESET[1:0] $11 to $13 reserved R/W reserved $14 UF_REGION_W R/W REGION_LOAD[3:0] 0 0 0 0 $15 UF_REGION_R R REGION_ACTIVE[3:0] 0 0 0 0 $16 COMMTYPE UF2 reserved reserved reserved reserved reserved COMMTYPE[2:0] $17 to $19 reserved UF2 reserved $1A SOURCEID_0 UF2 SID0_EN reserved SOURCEID_0[3:0] $1B SOURCEID_1 UF2 SID1_EN reserved SOURCEID_1[3:0] $1C to $21 reserved UF2 reserved $22 TIMING_CFG UF2 reserved OSCTRAIN_ SEL CK_CAL_ RST reserved reserved CK_CAL_EN $23 to $3C reserved UF2 reserved $3D SPI_CFG UF2 reserved DATASIZE SPI_CRC_LEN[1:0] SPICRCSEED[3:0] $3E WHO_AM_I UF2 WHO_AM_I[7:0] $3F I2C_ADDRESS UF2 I2C_ADDRESS[7:0] Sensor specific information $40 DSP_CFG_U1 UF2 LPF[3:0] reserved reserved USER_RANGE[1:0] $41 DSP_CFG_U2 UF2 reserved $42 DSP_CFG_U3 UF2 reserved $43 DSP_CFG_U4 UF2 reserved reserved reserved reserved A_OUT INT_OUT reserved reserved $44 DSP_CFG_U5 UF2 ST_CTRL[3:0] reserved reserved reserved reserved |