Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SL2S1502 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza SL2S1502
Descripción Electrónicos  ICODE ILT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S1502 Datasheet(HTML) 2 Page - NXP Semiconductors

  SL2S1502 Datasheet HTML 1Page - NXP Semiconductors SL2S1502 Datasheet HTML 2Page - NXP Semiconductors SL2S1502 Datasheet HTML 3Page - NXP Semiconductors SL2S1502 Datasheet HTML 4Page - NXP Semiconductors SL2S1502 Datasheet HTML 5Page - NXP Semiconductors SL2S1502 Datasheet HTML 6Page - NXP Semiconductors SL2S1502 Datasheet HTML 7Page - NXP Semiconductors SL2S1502 Datasheet HTML 8Page - NXP Semiconductors SL2S1502 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
NXP Semiconductors
SL2S1402_SL2S1502_SL2S1602
ICODE ILT
SL2S1402_SL2S1502_SL2S1602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 15 October 2019
COMPANY PUBLIC
234333
2 / 33
2 Features and benefits
2.1 Key features
• Up to 240-bit of EPC memory
• 96-bit tag identifier (TID) including 48-bit unique serial number
• EAS (Electronic Article Surveillance) functionality
• Recommissioning feature (privacy) with 32-bit kill password
• 32-bit access password to allow a transition into the secured state
• Long read/write ranges due to extremely low-power design
• Reliable operation of multiple tags due to advanced anti-collision (up to 800 tags/s)
• Fast initialization (write EPC)
• Forward link: 25 kbit/s to 100 kbit/s
• Return link: 53 kbit/s to 848 kbit/s
2.2 Key benefits
• High sensitivity provides long read range
• Highly advanced anti-collision resulting in highest identification speed
• Reliable and robust RFID technology suitable noisy environments and dense label
populations
2.3 Custom features
• EAS
Enables the HF RFID tag to be used as EAS tag without the need for a backend data
base.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33