Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCF4099BM1 Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza HCF4099BM1
Descripción Electrónicos  8 BIT ADDRESSABLE LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4099BM1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HCF4099BM1 Datasheet HTML 6Page - STMicroelectronics HCF4099BM1 Datasheet HTML 7Page - STMicroelectronics HCF4099BM1 Datasheet HTML 8Page - STMicroelectronics HCF4099BM1 Datasheet HTML 9Page - STMicroelectronics HCF4099BM1 Datasheet HTML 10Page - STMicroelectronics HCF4099BM1 Datasheet HTML 11Page - STMicroelectronics HCF4099BM1 Datasheet HTML 12Page - STMicroelectronics HCF4099BM1 Datasheet HTML 13Page - STMicroelectronics HCF4099BM1 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
HCF4099B
13/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45˚ (typ.)
D
9.8
10
0.385
0.393
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
8.89
0.350
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.62
0.024
S
˚ (max.)
SO-16 MECHANICAL DATA
PO13H
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14