| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DPRN01 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
DPRN01 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd. |
|
2 / 4 page ![]() MODEL SELECTION TABLE ORDER NO. INPUT OUTPUT INPUT CURRENT OUTPUT VOLTAGE CAPACITOR LOAD (MAX.) OUTPUT CURRENT NO LOAD FULL LOAD INPUT VOLTAGE (RANGE) SPRN01L-05 SPRN01M-05 SPRN01N-05 SPRN01O-05 SPRN01L-12 SPRN01M-12 SPRN01N-12 SPRN01O-12 SPRN01L-15 SPRN01M-15 SPRN01N-15 SPRN01O-15 DPRN01L-12 DPRN01M-12 DPRN01N-12 DPRN01O-12 DPRN01L-15 DPRN01M-15 DPRN01N-15 DPRN01O-15 Normal 5V (4.75 ~ 5.5V) Normal 12V (11.4 ~ 13.2V) Normal 24V (22.8 ~ 26.4V) Normal 48V (45.6 ~ 52.8V) 5V 5V 5V 5V 12V 12V 12V 12V 15V 15V 15V 15V 12V ± 12V ± 12V ± 12V ± 15V ± 15V ± 15V ± 15V ± 294mA 116mA 65mA 32mA 285mA 118mA 60mA 32mA 60mA 32mA 63mA 35mA 63mA 35mA 278mA 115mA 305mA 124mA 299mA 120mA 35mA 15mA 18mA 18mA 18mA 18mA 10mA 7mA 38mA 10mA 7mA 10mA 8mA 10mA 8mA 11mA 8mA 40mA 40mA 45mA 0 ~ 200mA 0 ~ 200mA 0 ~ 200mA 0 ~ 200mA 0 ~ 84mA 0 ~ 84mA 0 ~ 84mA 0 ~ 84mA 0 ~ 67mA 0 ~ 67mA 0 ~ 67mA 0 ~ 67mA 0 ~ 42mA ± 0 ~ 42mA ± 0 ~ 42mA ± 0 ~ 42mA ± 0 ~ 34mA ± 0 ~ 34mA ± 0 ~ 34mA ± 0 ~ 34mA ± 68% 72% 67% 67% 71% 72% 72% 67% 73% 67% 68% 63% 68% 63% 71% 73% 66% 68% 67% 69% 100 F μ 100 F μ 100 F μ 100 F μ 100 F μ 100 F μ 100 F μ 100 F μ 100 F μ 100 F μ 100 F μ 100 F μ *47 F ± μ *47 F ± μ *47 F ± μ *47 F ± μ *47 F ± μ *47 F ± μ *47 F ± μ *47 F ± μ File Name:SPRN01,DPRN01-SPEC 2019-05-20 EFFICIENCY (TYP.) * For each output 1W SIP Package DC-DC Regulated Converter SPRN01 & DPRN01 series |