Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST92195D5 Datasheet(PDF) 17 Page - STMicroelectronics

No. de pieza ST92195D5
Descripción Electrónicos  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D5 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST92195D5 Datasheet HTML 13Page - STMicroelectronics ST92195D5 Datasheet HTML 14Page - STMicroelectronics ST92195D5 Datasheet HTML 15Page - STMicroelectronics ST92195D5 Datasheet HTML 16Page - STMicroelectronics ST92195D5 Datasheet HTML 17Page - STMicroelectronics ST92195D5 Datasheet HTML 18Page - STMicroelectronics ST92195D5 Datasheet HTML 19Page - STMicroelectronics ST92195D5 Datasheet HTML 20Page - STMicroelectronics ST92195D5 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 249 page
background image
17/249
ST92195C/D - GENERAL DESCRIPTION
PIN DESCRIPTION (Cont’d)
AF Outputs or Bidirectional Lines:
– In the case of Outputs or I/Os, AF is selected
explicitly by software.
Example 1: ADC trigger digital input
AF: EXTRG, Port: P4.7, Port Style: Standard I/O.
Write the port configuration bits (for TTL level):
P4C2.7=1
P4C1.7=0
P4C0.7=1
Enable the ADC trigger by software as described
in the ADC chapter.
Example 2: PWM 0 output
AF: PWM0, Port: P4.0
Write the port configuration bits (for output push-
pull):
P4C2.0=0
P4C1.0=1
P4C0.0=1
Example 3: ADC analog input
AF: AIN1, Port : P2.1, Port style: does not apply to
analog inputs
Write the port configuration bits:
P2C2.1=1
P2C1.1=1
P2C0.1=1