Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X9C503PI Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza X9C503PI
Descripción Electrónicos  Digitally Controlled Pot (XDCP)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C503PI Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9C503PI Datasheet HTML 3Page - Intersil Corporation X9C503PI Datasheet HTML 4Page - Intersil Corporation X9C503PI Datasheet HTML 5Page - Intersil Corporation X9C503PI Datasheet HTML 6Page - Intersil Corporation X9C503PI Datasheet HTML 7Page - Intersil Corporation X9C503PI Datasheet HTML 8Page - Intersil Corporation X9C503PI Datasheet HTML 9Page - Intersil Corporation X9C503PI Datasheet HTML 10Page - Intersil Corporation X9C503PI Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN8222.1
September 19, 2005
PERFORMANCE CHARACTERISTICS
Contact the factory for more information.
APPLICATIONS INFORMATION
Electronic digitally controlled (XCDP) potentiometers provide three powerful application advantages; (1) the variability
and reliability of a solid-state potentiometer, (2) the flexibility of computer-based digital controls, and (3) the retentivity
of nonvolatile memory used for the storage of multiple potentiometer settings or data.
Basic Configurations of Electronic Potentiometers
Basic Circuits
VR
VR
I
Three terminal potentiometer;
variable voltage divider
Two terminal variable resistor;
variable current
VH/RH
VL/RL
VW/RW
Cascading Techniques
Buffered Reference Voltage
–
+
+5V
R1
+V
-5V
VW
VREF
VOUT
OP-07
VW/RW
VW/RW
+V
+V
+V
X
(a)
(b)
VOUT = VW/RW
Noninverting Amplifier
VO = (1+R2/R1)VS
Voltage Regulator
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
Offset Voltage Adjustment
+
–
VS
VO
R2
R1
100k
Ω
10k
Ω
10k
Ω
10k
Ω
-12V
+12V
TL072
Comparator with Hysteresis
VUL = {R1/(R1 + R2)} VO(max)
VLL = {R1/(R1 + R2)} VO(min)
+
–
VS
VO
R2
R1
LM308A
+5V
-5V
+
–
VS
VO
R2
R1
LT311A
(for additional circuits see AN115)
X9C102, X9C103, X9C104, X9C503



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com