Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

12VR1S15F2N103C3 Datasheet(PDF) 1 Page - CTS Corporation

No. de pieza 12VR1S15F2N103C3
Descripción Electrónicos  12mm Panel Potentiometer w/Illuminated Shaft
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CTS [CTS Corporation]
Página de inicio  http://www.ctscorp.com
Logo CTS - CTS Corporation

12VR1S15F2N103C3 Datasheet(HTML) 1 Page - CTS Corporation

  12VR1S15F2N103C3 Datasheet HTML 1Page - CTS Corporation 12VR1S15F2N103C3 Datasheet HTML 2Page - CTS Corporation 12VR1S15F2N103C3 Datasheet HTML 3Page - CTS Corporation 12VR1S15F2N103C3 Datasheet HTML 4Page - CTS Corporation 12VR1S15F2N103C3 Datasheet HTML 5Page - CTS Corporation 12VR1S15F2N103C3 Datasheet HTML 6Page - CTS Corporation 12VR1S15F2N103C3 Datasheet HTML 7Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2019 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
2019-10-29 Rev. B
Page 1 of 7
Series 12VR
12mm Panel Potentiometer w/Illuminated Shaft
Compact 12mm package size
Single, dual and tri-color LED backlit shaft
Rotational life (30,000 cycles)
Switch life (20,000 cycles)
Variety of standard resistances & tapers
Applications
Consumer portable electronics
Commercial appliances
Instrument amplifiers and guitar effects
Keyboards and synthesizers
Communications equipment
Ordering Information
Code Spec.*
A3
15% Log
B1
linear
C3
15% Antilog
Code
Spec.
1
Red
2
Blue
3
Orange
4
White
5
Green
A
Blue/Orange
B
Green/Red
C
Blue/Green
D
Green/Orange
E
Blue/Red
T
Red/Green/Blue
Code
Spec.
H
Vertical/Rear Mount
Thread Bushing, PC Pins
S
Horizontal/Side Mount
Thread Bushing, PC Pins
Code Spec.
15
15 mm
20
20 mm
Code
Spec.
N
No Detent
Code
Spec.
B
Knurled
(18 teeth)
F
Flatted
Code
Spec.
502
5kΩ
103
10kΩ
203
20kΩ
503
50kΩ
104
100kΩ
254
250kΩ
* Other JIS tapers are available. See charts.
Code
Spec.
1
1-Color
(no switch)
2
2-Color
(w/switch)
3
3-Color
(w/switch)
Series
LED
Option
Terminal
Configuration
Shaft
Length
Shaft
Trim
LED
Color
Detent
Option
Resistance
Code
Resistance
Taper
12VR
3
H
20
B
T
N
103
B1


Número de pieza similar - 12VR1S15F2N103C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Energy Industr...
12V ADVANCEDENERGY-12V Datasheet
540Kb / 7P
Single Output
logo
Norgren Ltd
12V0 NORGREN-12V0 Datasheet
243Kb / 11P
Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
01/97
logo
Coolgear Inc.
12V7A2P-A COOLGEAR-12V7A2P-A Datasheet
381Kb / 2P
12V 6A Power Supply for 2 Pin USB Hub Power A
12V7A2P-B COOLGEAR-12V7A2P-B Datasheet
391Kb / 2P
70w 12V/6A Power Supply for 2 Pin USB Hub Power B
12V7A3P-A COOLGEAR-12V7A3P-A Datasheet
182Kb / 2P
12V 7A Power Supply for 3 Pin USB Hub Power A
More results

Descripción similar - 12VR1S15F2N103C3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
12mm Size Insulated Shaft Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
12mm Size Insulated Shaft Snap-in Type
RK39A ALPS-RK39A Datasheet
143Kb / 2P
39mm LED Illuminated Potentiometer
logo
Bi technologies
P120P BITECH-P120P_08 Datasheet
88Kb / 4P
12mm Rotary Potentiometer
logo
Bourns Electronic Solut...
PTP90 BOURNS-PTP90 Datasheet
293Kb / 2P
PTP90 Series Panel Control w/Push Latching Shaft
logo
ALPS ELECTRIC CO.,LTD.
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
12mm Size Insulated Shaft Type
logo
Vishay Siliconix
PE60 VISHAY-PE60_17 Datasheet
120Kb / 5P
Power Panel 6 W Potentiometer
04-Jul-17
logo
CIT Relay & Switch
FHN2BBG CIT-FHN2BBG Datasheet
192Kb / 5P
Illuminated Pushbutton - 12mm
logo
Vishay Siliconix
PE60 VISHAY-PE60_V01 Datasheet
758Kb / 5P
Power Panel 6 W Potentiometer
12-Dec-2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com