Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT74 Datasheet(PDF) 4 Page - Silicon Supplies

No. de pieza 74ACT74
Descripción Electrónicos  Advanced CMOS TTL Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SS [Silicon Supplies]
Página de inicio  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT74 Datasheet(HTML) 4 Page - Silicon Supplies

  74ACT74 Datasheet HTML 1Page - Silicon Supplies 74ACT74 Datasheet HTML 2Page - Silicon Supplies 74ACT74 Datasheet HTML 3Page - Silicon Supplies 74ACT74 Datasheet HTML 4Page - Silicon Supplies 74ACT74 Datasheet HTML 5Page - Silicon Supplies 74ACT74 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Advanced CMOS TTL Input – 74ACT74 
Rev 1.0
21/11/19
DC Electrical Characteristics Continued (Voltages referenced to GND)
7. Maximum test duration 2ms, one output loaded at a time.
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
4.5V
4.4
4.4
4.4
5.5V
IOUT = -50µA
5.4
5.4
5.4
V
4.5V
3.86
3.76
3.76
5.5V
VIN = VIL or VIH
5
IOL = -24mA
4.86
4.76
4.76
V
4.5V
-
-
3.85
Minimum High-Level
Output Voltage
VOH
5.5V
VIN = VIL or VIH
5,6
IOL = -75mA
-
-
3.85
V
Maximum Input
Leakage Current
IIN
5.5V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Additional Maximum
ICC / Input
ΔICCT
5.5V
VIN = VCC -2.1V
0.6
1.5
1.5
mA
IOLD
5.5V
VOLD = 1.65V Max
-
75
75
Minimum Dynamic
Output Current
7
IOHD
5.5V
VOHD = 3.85V Min
-
-75
-75
mA
Maximum Quiescent
Supply Leakage
Current
ICC
5.5V
VIN = VCC or GND
IOUT = 0µA
4
40
40
µA
 
8. Not production tested in die form, characterized by chip design and tested in package.
9. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
AC Electrical Characteristics8
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
Maximum Clock
Frequency
fmax
5V ±10%
-
145
125
125
MHz
tPLH,
11
13
13
Maximum
Propagation Delay,
CLK to Q or Q
(Figure1)
tPHL
5V ±10%
CL = 50pF,
Input tr = tf = 3ns
10
11.5
11.5
ns
tPLH,
9.5
10.5
10.5
Maximum
Propagation Delay,
PRE or CLR
to Q or Q
(Figure 2)
tPHL
5V ±10%
CL = 50pF,
Input tr = tf = 3ns
10
11.5
11.5
ns
Maximum Input
Capacitance
CIN
5V ±10%
VIN = VCC or
GND
4.5
4.5
4.5
pF
TYPICAL
Power Dissipation
Capacitance
9
CPD
-
TJ = 25°C,
VCC =5.0V
35
pF



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com