Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBTSC5344 Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

No. de pieza MMBTSC5344
Descripción Electrónicos  NPN Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Página de inicio  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MMBTSC5344 Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MMBTSC5344 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC5344 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC5344 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, MMBTSC5344 Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBTSC5344
NPN Transistor
2 / 4
Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 1 V, IC = 100 mA
Current Gain Group
O
Y
HFE
100
160
-
-
200
320
Collector Base Cutoff Current
at VCB = 35 V
ICBO
-
-
100
nA
Emitter Base Cutoff Current
at VEB = 5 V
IEBO
-
-
100
nA
Emitter Base Breakdown Voltage
at IE = 10 μA
V(BR)EBO
5
-
-
V
Collector Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VCE(sat)
-
-
0.5
V
Base Emitter Saturation Voltage
at IC = 500 mA, IB = 50 mA
VBE(sat)
-
-
1.2
V
Transition Frequency at
VCE = 5 V, IC = 10 mA
fT
-
120
-
MHz
Collector Base Capacitance
at VCB = 10 V, f = 1 MHz
Cob
-
13
-
pF
Collector Base Breakdown Voltage
at IC = 100 μA
V(BR)CBO
35
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
V(BR)CEO
30
-
-
V
www.pingjingsemi.com
Revision:1.0 Mar-2019



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com