| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MTC20136 Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MTC20136 Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 25 page ![]() 9/25 MTC20136 LFBGA160 Pin Configuration Pin# Name Function C4 E_A14 EBI Address B2 E_A15 EBI Address D4 E_A16 EBI Address C3 E_A17 EBI Address C2 VDD VDD E3 VSS VSS D3 E_A18 EBI Address D2 E_A19 EBI Address E4 EIT0 External Interrupt In - 0 E2 EIT1 External Interrupt In - 1 E1 VDD VDD F3 VSS VSS F4 EIT2 External Interrupt In - 2 F1 EIT3 External Interrupt In -3 F2 I_MODE Tracking ICE Mode Select (0) G3 E_CLK EBI Clock Out H1 E_ALE EBI ALE G4 VDD VDD G2 VSS VSS H3 E_nRDYRCV EBI Ack in H4 E_nWE0 EBI Write Enable H2 E_nWE1 EBI Write Enable J3 E_notCS_4 EBI ASIC ChipSelect K2 VDD VDD J4 VSS VSS J2 Boot_M0 BootMode Select K3 Boot_M1 BootMode Select K4 PA0 General Purpose IO L2 PA1 General Purpose IO L3 TROM Boot Mode Select M2 VDD VDD M3 VSS VSS L4 T_REQA Reserved for test (0) N2 T_REQB Reserved for test (0) N3 T_ACK Reserved for test N1 IDDQ Reserved for test (0) P1 RESETN RESET (Active Low) P2 TDI JTAG Interface M4 TDO JTAG Interface P3 VDD VDD N4 VSS VSS M5 TMS JTAG Interface P4 nTRST JTAG Interface |