Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC807-25QA Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

No. de pieza BC807-25QA
Descripción Electrónicos  45 V, 500 mA PNP general-purpose transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC807-25QA Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button BC807-25QA Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC807-25QA Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
BC807-25QA_40QA
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 30 August 2013
7 of 15
Nexperia
BC807-25QA; BC807-40QA
45 V, 500 mA PNP general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp  300 s;   0.02.
Table 8.
Characteristics
Tamb = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base
cut-off current
VCB = 20 V; IE = 0 A
-
-
100 nA
VCB = 20 V; IE = 0 A;
Tj = 150 C
--
5
A
IEBO
emitter-base
cut-off current
VEB = 5 V; IC = 0 A
-
-
100 nA
hFE
DC current gain
VCE = 1 V; IC = 100 mA
[1]
BC807-25QA
160
-
400
BC807-40QA
250
-
600
hFE
DC current gain
VCE = 1 V; IC = 500 mA
[1] 40
-
-
VCEsat
collector-emitter
saturation voltage
IC = 500 mA; IB = 50 mA
[1] --
700 mV
VBE
base-emitter voltage
IC = 500 mA; VCE = 1 V
[1] --
1.2
V
Cc
collector capacitance
VCB = 10 V; IE = ie = 0 A;
f=1MHz
-6
-pF
fT
transition frequency
VCE = 5 V; IC = 10 mA;
f=100MHz
80
--MHz
VCE = 1 V
(1) Tamb = 100 C
(2) Tamb = 25 C
(3) Tamb = 55 C
Tamb = 25 C
Fig 7.
BC807-25QA: DC current gain as a function of
collector current; typical values
Fig 8.
BC807-25QA: Collector current as a function
of collector-emitter voltage; typical values
006aaa120
400
200
600
hFE
0
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com