Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AXP1G08GS Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

No. de pieza 74AXP1G08GS
Descripción Electrónicos  Low-power 2-input AND gates
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G08GS Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1G08GS Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AXP1G08GS Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AXP1G08GS Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AXP1G08GS Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AXP1G08GS Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AXP1G08GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G08GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1G08GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1G08GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
74AXP1G08
Low-power 2-input AND gates
11.1. Waveforms and test circuit
aaa-010415
VOH
VI
VOL
A, B input
Y output
VM
VM
GND
90 %
90 %
tPHL
tPLH
tTHL
tTLH
10 %
10 %
VM
VM
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 6. The data input (A, B) to output (Y) propagation delays
Table 9. Measurement points
Supply voltage
Input
Output
VCC
VM
VI
tr = tf
VM
0.75 V to 2.7 V
0.5VCC
VCC
≤ 3.0 ns
0.5VCC
CL (pF)
0
140
120
100
80
60
40
20
aaa-008211
4
2
6
8
t
(ns)
0
(1)
(2)
(3)
Tamb = -40 °C to +85 °C unless otherwise specified.
(1) Minimum: VCC = 2.7 V
(2) Typical: Tamb = 25 °C; VCC = 2.5 V
(3) Maximum: VCC = 2.3 V
Fig. 7. Additional tpd versus load capacitance
CL (pF)
0
140
120
100
80
60
40
20
aaa-008212
10
t
(ns)
0
8
6
4
2
(1)
(2)
(3)
Tamb = -40 °C to +85 °C unless otherwise specified.
(1) Minimum: VCC = 1.95 V
(2) Typical: Tamb = 25 °C; VCC = 1.8 V
(3) Maximum: VCC = 1.65 V
Fig. 8. Additional tpd versus load capacitance
74AXP1G08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 18 March 2019
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com