Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PESD3USB3S Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

No. de pieza PESD3USB3S
Descripción Electrónicos  ESD protection for differential data lines
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PESD3USB3S Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PESD3USB3S Datasheet HTML 6Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 7Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 8Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 9Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 10Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 11Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 12Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 13Page - Nexperia B.V. All rights reserved PESD3USB3S Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Nexperia
PESDxUSB3S series
ESD protection for differential data lines
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PESD2USB3S
pesd2usb3s_po
Unit
mm
max
nom
min
0.60 0.38
1.62
1.52
1.22
A
Dimensions (mm are the original dimensions)
WLCSP10: wafer level chip-size package; 10 bumps (4-2-4)
PESD2USB3S
A1
b
0.31
D
E
e
e1
e2
0.80
0.57 0.37
1.57 1.17 0.40 0.40
e3
0.80
0.26
0.54 0.36
1.12
0.21
0
1 mm
scale
15-12-11
detail X
A
A1
X
A
B
C
E
D
e2
e1
B2
B1
bump A1
index area
bump A1
index area
e
b
4
3
e3
2
1
1/2 e
Fig. 16. Package outline WLCSP10
PESDXUSB3S_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 4 — 30 January 2019
10 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com