Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AHC1G66-Q100 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

No. de pieza 74AHC1G66-Q100
Descripción Electrónicos  Single-pole single-throw analog switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEXPERIA [Nexperia B.V. All rights reserved]
Página de inicio  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHC1G66-Q100 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74AHC1G66-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHC1G66-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHC1G66-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHC1G66-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHC1G66-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHC1G66-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHC1G66-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHC1G66-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AHC1G66-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74AHC_AHCT1G66_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 27 January 2015
6 of 18
Nexperia
74AHC1G66-Q100; 74AHCT1G66-Q100
Single-pole single-throw analog switch
10.2 ON resistance
[1]
At supply voltages approaching 2 V, the analog switch ON resistance becomes extremely non-linear. Therefore it is recommended that
these devices be used to transmit digital signals only, when using this supply voltage.
10.3 ON resistance test circuit and graphs
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground 0 V); for graph see Figure 7 [1].
Symbol
Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Typ
max
Max
Max
74AHC1G66-Q100 and 74AHCT1G66-Q100
RON(peak) ON resistance
(peak)
VI =VCC to GND; see Figure 6
ISW =1.0 mA; VCC = 2.0 V
148[1]
--
-
ISW =10mA; VCC = 3.0 V to 3.6 V
28
50
70
110
ISW =10mA; VCC = 4.5 V to 5.5 V
15
30
40
60
RON(rail)
ON resistance
(rail)
VI = GND; see Figure 6
ISW =1.0 mA; VCC =2.0 V
30
-
-
-
ISW =10mA; VCC = 3.0 V to 3.6 V
20
50
65
90
ISW =10mA; VCC = 4.5 V to 5.5 V
15
22
26
40
VI =VCC; see Figure 6
ISW =1.0 mA; VCC =2.0 V
28
-
-
-
ISW =10mA; VCC = 3.0 V to 3.6 V
18
50
65
90
ISW =10mA; VCC = 4.5 V to 5.5 V
13
22
26
40
RON =VSW / ISW.Tamb = 25 C.
Fig 6.
Test circuit for measuring ON resistance
Fig 7.
Typical ON resistance as a function of
input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com