Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT17F080-30JC Datasheet(PDF) 9 Page - ATMEL Corporation

No. de pieza AT17F080-30JC
Descripción Electrónicos  FPGA CONFIGURATION FLASH MEMORY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F080-30JC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT17F080-30JC Datasheet HTML 5Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 6Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 7Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 8Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 9Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 10Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 11Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 12Page - ATMEL Corporation AT17F080-30JC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
3039I–CNFG–2/05
AT17F040/080
10. Standby Mode
The AT17F Series Configurators enter a low-power standby mode whenever SER_EN is High
and CE is asserted High. In this mode, the AT17F Configurator consumes less than 1 mA of cur-
rent at 3.3V. The output remains in a high-impedance state regardless of the state of the OE
input.
11. Absolute Maximum Ratings*
Operating Temperature.................................... -40
°C to +85°C
*NOTICE:
Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those listed under oper-
ating conditions is not implied. Exposure to Abso-
lute Maximum Rating conditions for extended
periods of time may affect device reliability.
Storage Temperature ..................................... -65
°C to +150°C
Voltage on Any Pin
with Respect to Ground ..............................-0.1V to VCC +0.5V
Supply Voltage (VCC) .........................................-0.5V to +4.0V
Maximum Soldering Temp. (10 sec. @ 1/16 in.).............260
°C
ESD (RZAP = 1.5K, CZAP = 100 pF)................................. 2000V
12. Operating Conditions
Symbol
Description
AT17F Series Configurator
Units
Min
Max
V
CC
Commercial
Supply voltage relative to GND
-0
°C to +70°C
2.97
3.63
V
Industrial
Supply voltage relative to GND
-40
°C to +85°C
2.97
3.63
V
13. DC Characteristics
Symbol
Description
AT17F040
AT17F080
Units
Min
Max
Min
Max
VIH
High-level Input Voltage
2.0
VCC
2.0
VCC
V
V
IL
Low-level Input Voltage
0
0.8
0
0.8
V
V
OH
High-level Output Voltage (I
OH = -2.5 mA)
Commercial
2.4
2.4
V
VOL
Low-level Output Voltage (IOL = +3 mA)
0.4
0.4
V
V
OH
High-level Output Voltage (I
OH = -2 mA)
Industrial
2.4
2.4
V
V
OL
Low-level Output Voltage (I
OL = +3 mA)
0.4
0.4
V
ICCA
Supply Current, Active Mode
20
20
mA
I
L
Input or Output Leakage Current (V
IN = VCC or GND)
-10
10
-10
10
µA
I
CCS
Supply Current, Standby Mode
Commercial
1
1
mA
Industrial
1
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19