Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PM37LV512 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

No. de pieza PM37LV512
Descripción Electrónicos  512 Kbit (64K X 8) Dual-Voltage Multiple-Cycle-Programmable ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PMC [PMC-Sierra, Inc]
Página de inicio  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM37LV512 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

Back Button PM37LV512 Datasheet HTML 5Page - PMC-Sierra, Inc PM37LV512 Datasheet HTML 6Page - PMC-Sierra, Inc PM37LV512 Datasheet HTML 7Page - PMC-Sierra, Inc PM37LV512 Datasheet HTML 8Page - PMC-Sierra, Inc PM37LV512 Datasheet HTML 9Page - PMC-Sierra, Inc PM37LV512 Datasheet HTML 10Page - PMC-Sierra, Inc PM37LV512 Datasheet HTML 11Page - PMC-Sierra, Inc PM37LV512 Datasheet HTML 12Page - PMC-Sierra, Inc PM37LV512 Datasheet HTML 13Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Programmable Microelectronics Corp.
Issue Date: Dec, 2002 Rev: 1.3
PMC
Pm37LV512
s
a
i
B
r
e
d
n
U
e
r
u
t
a
r
e
p
m
e
T
C
°
5
2
1
+
o
t
C
°
5
6
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
C
°
5
2
1
+
o
t
C
°
5
6
-
e
r
u
t
a
r
e
p
m
e
T
g
n
i
r
e
d
l
o
S
d
a
e
L
t
n
u
o
M
e
c
a
f
r
u
S
s
d
n
o
c
e
S
3
C
°
0
4
2
n
i
p
9
A
d
n
a
#
E
O
t
p
e
c
x
e
s
n
i
P
ll
A
n
o
d
n
u
o
r
G
o
t
t
c
e
p
s
e
R
h
t
i
w
e
g
a
t
l
o
V
t
u
p
n
I
)
2
(
V
o
t
V
5
.
0
-
C
C
V
5
.
0
+
n
i
p
9
A
d
n
a
#
E
O
n
o
d
n
u
o
r
G
o
t
t
c
e
p
s
e
R
h
t
i
w
e
g
a
t
l
o
V
t
u
p
n
I
)
3
(
V
0
.
3
1
+
o
t
V
5
.
0
-
d
n
u
o
r
G
o
t
t
c
e
p
s
e
R
h
t
i
w
e
g
a
t
l
o
V
t
u
p
t
u
O
ll
A
V
o
t
V
5
.
0
-
C
C
V
5
.
0
+
V C
C
)
2
(
V
0
.
6
+
o
t
V
5
.
0
-
DC AND AC OPERATING RANGE
r
e
b
m
u
N
t
r
a
P
2
1
5
V
L
7
3
m
P
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
C
°
0
7
o
t
C
°
0
e
s
a
r
E
/
m
a
r
g
o
r
P
V
C
C
V
6
.
3
-
V
7
.
2
V
P
P
V
5
.
2
1
-
V
5
.
1
1
d
a
e
RV
C
C
V
5
.
5
-
V
5
.
4
r
o
V
6
.
3
-
V
7
.
2
9
ABSOLUTE MAXIMUM RATINGS (1)
Notes:
1. Stresses under those listed in “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only. The functional operation of the device
or any other conditions under those indicated in the operational sections of this specifica-
tion is not implied. Exposure to absolute maximum rating condition for extended periods
may affected device reliability.
2. Maximum DC voltage on input or I/O pins are VCC + 0.5 V. During voltage transitioning
period, input or I/O pins may overshoot to VCC + 2.0 V for a period of time up to 20 ns.
Minimum DC voltage on input or I/O pins are -0.5 V. During voltage transitioning period,
input or I/O pins may undershoot GND to -2.0 V for a period of time up to 20 ns.
3. Maximum DC voltage on OE# and A9 pin is +13.0 V. During voltage transitioning period,
OE# and A9 pin may overshoot to +14.0 V for a period of time up to 20 ns. Minimum DC
voltage on OE# and A9 pin is -0.5 V. During voltage transitioning period, OE# and A9 pin
may undershoot GND to -2.0 V for a period of time up to 20 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com