Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ARM7 Datasheet(PDF) 33 Page - NXP Semiconductors

No. de pieza ARM7
Descripción Electrónicos  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ARM7 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button ARM7 Datasheet HTML 29Page - NXP Semiconductors ARM7 Datasheet HTML 30Page - NXP Semiconductors ARM7 Datasheet HTML 31Page - NXP Semiconductors ARM7 Datasheet HTML 32Page - NXP Semiconductors ARM7 Datasheet HTML 33Page - NXP Semiconductors ARM7 Datasheet HTML 34Page - NXP Semiconductors ARM7 Datasheet HTML 35Page - NXP Semiconductors ARM7 Datasheet HTML 36Page - NXP Semiconductors ARM7 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
9397 750 14985
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 3 October 2005
33 of 38
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
Fig 11. LPC2141/42/44/46/48 USB interface using the UP_LED function on pin 17
LPC2141/42/
44/46/48
VDD
R1
1.5 k
Ω
R2
UP_LED
002aab562
USB-B
connector
D
+
D
−
VBUS
VSS
RS = 33 Ω
RS = 33 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38