| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TESTO435 Datasheet(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
TESTO435 Datasheet(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 8 page ![]() Large selection of probes (optional): IAQ probe for evaluating Indoor Air Quality Thermal probes with integrated temperature and air humidity measurement Vane and hot wire probes Integrated differential pressure probe for Pitot tube measurement (see versions) Wireless probe for temperature and humidity (see versions) Easy operation with user profiles PC software for the analysis, archiving and documentation of measurement data (see versions) Multi-function measuring instrument testo 435 – The allrounder for ventilation and indoor air quality °C %RH m/s hPa ppm CO 2 Lux All HVAC measurement parameters The multi-function measuring instrument testo 435 is your reliable partner for analyzing Indoor Air Quality. Indoor Air Quality has a crucial influence on the well-being of humans at their workplaces, and is also a determining and important factor in storage and production processes. In addition to this, the Indoor Air Quality signals whether the HVAC system is working at optimum energy level, or needs to be adjusted using the testo 435. The parameters CO 2, relative humidity and room temperature are available for the evaluation of Indoor Air Quality. In addition to this, absolute pressure, draught, Lux, U-value and surface temperature can be measured. For the determination of volume flow, you can use all possiblities for the measurement of flow velocity – such as thermal probes, vanes and Pitot tubes. The right instrument for every application The new testo 435 is available in four versions. Depending on the application, you can choose from versions with built- in differential pressure measurement as well as versions with additional instrument functions such as instrument memory, PC software and an extended range of probes. www.testo.com We measure it. testo-435-P01 06.08.2013 14:30 Seite 1 |
Número de pieza similar - TESTO435 |
|
Descripción similar - TESTO435 |