Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DEI1148 Datasheet(PDF) 6 Page - Device Engineering Incorporated

No. de pieza DEI1148
Descripción Electrónicos  OCTAL ARINC 429 LINE RECEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DEIAZ [Device Engineering Incorporated]
Página de inicio  https://www.deiaz.com/
Logo DEIAZ - Device Engineering Incorporated

DEI1148 Datasheet(HTML) 6 Page - Device Engineering Incorporated

  DEI1148 Datasheet HTML 1Page - Device Engineering Incorporated DEI1148 Datasheet HTML 2Page - Device Engineering Incorporated DEI1148 Datasheet HTML 3Page - Device Engineering Incorporated DEI1148 Datasheet HTML 4Page - Device Engineering Incorporated DEI1148 Datasheet HTML 5Page - Device Engineering Incorporated DEI1148 Datasheet HTML 6Page - Device Engineering Incorporated DEI1148 Datasheet HTML 7Page - Device Engineering Incorporated DEI1148 Datasheet HTML 8Page - Device Engineering Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2019 Device Engineering Inc.
Page 6 of 8
DS-MW-01148-01 Rev B
01/08/2019
INA
INB
OUTA
OUTB
1.5V
1.5V
t
LH
Vdif = 6.5V
t
HL
Vdif = 2.5V
0
t
V/I
25% to 75%
of Largest Peak
50%
Largest
Peak
t
0
50%
Peak
T1
T2
V
Figure 6 DO160 Lightning Induced Transient Voltage
Waveform #3 Pin Injection
Voc = 600 V, Isc = 24 A. Freq = 1 MHZ ±20%
Figure 5 DO160 Lightning Induced Transient Voltage
Waveform #5A Pin Injection.
Voc = 300 V, Isc = 300 A
T1 = 6.4 µs ±20%
T2 = 70 µs ±20%
5A: T1 = 40 us ±20%
T2 = 120 us ±20%
LIGHTNING TRANSIENT NOTES:
1. Voc = Peak Open Circuit Voltage available at
the calibration point.
2. Isc = Peak Short Circuit Current available at
the calibration point.
3. Amplitude tolerances: +10%, -0%.
4. The ratio of Voc to Isc is the generator
source impedance to be used for generating
the waveforms.
t
TOH
t
TOL
1.5V
1.5V
TESTA OR B
OUTA OR B
t
0
50%
Peak
T1
T2
V/I
Figure 3 ARINC 429 Input to Logic Output Switching
Waveform
Figure 4 TEST Input to Logic Output Switching
Waveform
Figure 5 DO160 Lightning Induced Transient Voltage
Waveform #4 Pin Injection
Voc = 300 V, Isc = 60 A.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com