| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TESTO606 Datasheet(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
TESTO606 Datasheet(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 2 page ![]() Precise measurement of wood moisture Further characteristics curves for locating wet spots in building materials Hold-function for convenient read-out of measurement values Display illumination Additional advantages of testo 606-2: Measurement of temperature and humidity in ambient air Incl. dewpoint calculation and Wet Bulb. Wood/material moisture measuring instrument testo 606 – Pocket-sized material moisture measurement % °C %RH The testo 606-1/-2 is a particularly convenient and easy-to- operate pocket-sized material moisture measuring instrument. The material moisture is directly displayed in percentage by weight via stored material characteristic curves. For the measurement of wood moisture, characteristic curves are available for beech, spruce, larch, oak, pine and maple. In order to locate wet spots in building materials, curves are additionally stored for cement screed, plaster, anhydrite screed, cement mortar, lime mortar, and brick. The testo 606-2 measures air humidity and temperature in addition to material moisture. This enables drying conditions to be determined quickly and reliably on site, for example. The clip-on protective cap, wrist strap and a belt holder allow the safe storage of the testo 606-1/-2 www.testo.com Illustration 1:1 We measure it. testo-606-P01 05.02.2014 07:43 Seite 1 |
Número de pieza similar - TESTO606 |
|
Descripción similar - TESTO606 |