| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TESTO425 Datasheet(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
TESTO425 Datasheet(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 2 page ![]() testo 425 www.testo.com Data sheet Measurement of flow velocity, volume flow and temperature Point and timed mean value calculation Max./min. values Hold button for freezing measurement value Display illumination Auto-off function TopSafe, protection of the instrument from dirt and impact (optional) Thermal anemometer testo 425 – With fixed flow velocity probe m/s °C testo 425 is a compact anamometer with a fixed thermal flow velocity probe. The probe head has a diameter of 7.5 mm. With the extendable telescope (length max. 820 mm), the measuring instrument is suitable for flow velocity measurement in ducts. The testo 425 also measures extremely accurately in the low flow velocity range. The volume flow is directly shown in the display. For the purposes of volume flow calculation, the duct area can be easily entered into the testo 425. In addition to this, the instrument can be switched over to display the current temperature. Timed and point mean value calculation provide information on the average volume flow, flow velocity and temperature measurement value. The Hold function allows the current measurement value to be frozen in the display, min./max. values are also displayed at the press of a button. |
Número de pieza similar - TESTO425 |
|
Descripción similar - TESTO425 |