Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SNP-C046 Datasheet(PDF) 4 Page - Skynet Electronic Copyright

No. de pieza SNP-C046
Descripción Electrónicos  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYNET [Skynet Electronic Copyright]
Página de inicio  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-C046 Datasheet(HTML) 4 Page - Skynet Electronic Copyright

  SNP-C046 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-C046 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-C046 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-C046 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
** This data sheet is only for model selection. For business, engineering specification by model must be used.
4-4
AUG. 2014
Rated
40W
Peak
60W
SNP-C04 Series
-Eric-
General Purpose
7. +5V step response
9. FCC B
2ms/div
+5V step from 0.8A to 4A
other output at 60% load
+12V
+5V
100mV/div
0.5V/div
2ms/div
+12V step from 0.3A to 1.5A
other output at 60% load
+5V
+12V
1V/div
200mV/div
8. +12V step response
10. EN 55022 B
11. Power derating curve



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com