| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32MP157AAB3 Datasheet(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157AAB3 Datasheet(HTML) 78 Page - STMicroelectronics |
|
78 / 258 page ![]() Pinouts, pin description and alternate functions STM32MP157A 78/258 DS12504 Rev 2 - H8 1D1 K15 VDDCORE S - - - - V13 T13 Y16 V13 PB2 I/O FT_ha - TRACED4, RTC_OUT2, SAI1_D1, DFSDM1_CKIN1, USART1_RX, I2S_CKIN, SAI1_SD_A, SPI3_MOSI/I2S3_SDO, UART4_RX, QUADSPI_CLK, EVENTOUT - - H10 - - VDDCORE S - - - - U13 U12 AA19 V14 PD13 I/O FT_fha - LPTIM1_OUT, TIM4_CH2, I2C4_SDA, I2C1_SDA, I2S3_MCK, QUADSPI_BK1_IO3, SAI2_SCK_A, FMC_A18, DSI_TE, EVENTOUT - -N7 - - VDD S - - - - - G2 AA12 G14 VSS S - - - - 1J8 V16 AB18 AA17 USB_RREF A A - - - - W12 AA15 AB13 VDD3V3_ USBHS S- - - - 1H7 - - - VDD3V3_ USB S- - - - V10 W13 AC16 AB14 USB_DP2 A FT_u - - USBH_HS_DP2 , OTG_HS_DP W10 V13 AB16 AA14 USB_DM2 A FT_u - - USBH_HS_DM 2, OTG_HS_DM - U13 AA16 Y13 VSS_USBHS S - - - - - - - Y14 VSS_USBHS S - - - - U11 T15 AB13 AA12 BYPASS_ REG1V8 IFT - - - W8 T14 Y13 W15 PG9 I/O FT_h - DBTRGO, USART6_RX, SPDIFRX_IN3, QUADSPI_BK2_IO2, SAI2_FS_B, FMC_NE2/FMC_NCE, DCMI_VSYNC, LCD_R1, EVENTOUT - 1G3 - 1H5 R10 VDD S - - - - -N9 - - VDD S - - - - 1H5 V11 AB14 AB12 VDDA1V8_ REG S- - - - 1H3 - - G17 VSS S - - - - Table 7. STM32MP157A pin and ball definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |