Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SSD1963QL9R Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

No. de pieza SSD1963QL9R
Descripción Electrónicos  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963QL9R Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button SSD1963QL9R Datasheet HTML 62Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 63Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 64Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 65Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 66Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 67Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 68Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 69Page - List of Unclassifed Manufacturers SSD1963QL9R Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 93 page
background image
Solomon Systech
Jan 2010
P 66/93
Rev 1.1
SSD1963
A[3:2] : Source 2 for GPIO0 when controlled by LCDC (POR = 00)
00
Generator 0
01
Generator 1
10
Generator 2
11
Generator 3
A[1:0] : Source 3 for GPIO0 when controlled by LCDC (POR = 00)
00
Generator 0
01
Generator 1
10
Generator 2
11
Generator 3
B[7:0] : ROP operation to mux the source 1, 2 and 3 for GPIO0 (POR = 00000000)
Please refer to the Application note for ROP operation
9.57 set_gpio1_rop
Command
0xCA
Parameters
2
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
1
1
0
0
1
0
1
0
CA
Parameter 1
1
0
A6
A5
0
A3
A2
A1
A0
xx
Parameter 2
1
B7
B6
B5
B4
B3
B2
B1
B0
xx
Description
Set the GPIO1 with respect to the LCD signal generators using ROP operation. No effect if the GPIO1 is configured as
general GPIO.
A[6:5] : Source 1 for GPIO1 when controlled by LCDC (POR = 00)
00
Generator 0
01
Generator 1
10
Generator 2
11
Generator 3
A[3:2] : Source 2 for GPIO1 when controlled by LCDC (POR = 00)
00
Generator 0
01
Generator 1
10
Generator 2
11
Generator 3
A[1:0] : Source 3 for GPIO1 when controlled by LCDC (POR = 00)
00
Generator 0
01
Generator 1
10
Generator 2
11
Generator 3
B[7:0] : ROP operation to mux the source 1, 2 and 3 for GPIO1 (POR = 00000000)
Please refer to the Application note for the ROP operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93