Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSC1001AI1-T Datasheet(PDF) 15 Page - Microchip Technology

No. de pieza DSC1001AI1-T
Descripción Electrónicos  1.8V-3.3V Low-Power Precision CMOS Oscillators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1001AI1-T Datasheet(HTML) 15 Page - Microchip Technology

Back Button DSC1001AI1-T Datasheet HTML 11Page - Microchip Technology DSC1001AI1-T Datasheet HTML 12Page - Microchip Technology DSC1001AI1-T Datasheet HTML 13Page - Microchip Technology DSC1001AI1-T Datasheet HTML 14Page - Microchip Technology DSC1001AI1-T Datasheet HTML 15Page - Microchip Technology DSC1001AI1-T Datasheet HTML 16Page - Microchip Technology DSC1001AI1-T Datasheet HTML 17Page - Microchip Technology DSC1001AI1-T Datasheet HTML 18Page - Microchip Technology DSC1001AI1-T Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
 2017 Microchip Technology Inc.
DS20005529B-page 15
DSC1001/3/4
4-Lead CDFN 5.0 mm x 3.2 mm Package Outline & Recommended Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com