Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSC1124AI1T Datasheet(PDF) 6 Page - Microchip Technology

No. de pieza DSC1124AI1T
Descripción Electrónicos  Low Jitter Precision HCSL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1124AI1T Datasheet(HTML) 6 Page - Microchip Technology

Back Button DSC1124AI1T Datasheet HTML 2Page - Microchip Technology DSC1124AI1T Datasheet HTML 3Page - Microchip Technology DSC1124AI1T Datasheet HTML 4Page - Microchip Technology DSC1124AI1T Datasheet HTML 5Page - Microchip Technology DSC1124AI1T Datasheet HTML 6Page - Microchip Technology DSC1124AI1T Datasheet HTML 7Page - Microchip Technology DSC1124AI1T Datasheet HTML 8Page - Microchip Technology DSC1124AI1T Datasheet HTML 9Page - Microchip Technology DSC1124AI1T Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
DSC1104/24
DS20005870A-page 6
 2017 Microchip Technology Inc.
3.0
NOMINAL PERFORMANCE PARAMETERS
Unless specified otherwise, T = +25°C, VDD = 3.3V.
FIGURE 3-1:
Power Supply Rejection
Ratio.
FIGURE 3-2:
Phase Jitter (Integrated
Phase Noise).
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
1000
10000
Supply Noise Frequency (kHz)
50-mV
100-mV
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
50MHz-HCSL
106MHz-HCSL
156MHz-HCSL
212MHz-HCSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com