Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2088DFW-C Datasheet(PDF) 12 Page - Shenzhen TOPWAY Technology Co., Ltd

No. de pieza LM2088DFW-C
Descripción Electrónicos  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Página de inicio  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088DFW-C Datasheet(HTML) 12 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM2088DFW-C Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM2088DFW-C Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TOPWAY
LCD Module User Manual
LM2088DFW-C
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088DFW-C-Manual-Rev0.1
Page: 12 of 13
5.7
Initialization Setting Example
The following setting should be issue to LCD module after hardware reset.
(It is an example only; it could be adjusted if necessary.)
Command Parameter
Value
(binary)
HEX
Descriptions
SYSTEM
SET
-
1
1
0
0100 0000
40
Init device and display,
(with 8 parameters)
P1
0
1
0
0011 0000
30
M0=0: internal CG ROM
M0=1: external CG ROM
M1=0: no D6 correction
M1=1: D6 correction
M2=0: 8-pixel char height
M2=1: 16-pixel char height
W/S=0: single panel drive
W/S=1: dual panel drive
IV=0: Screen top-line correction
IV=1: No screen top-line correction
P2
0
1
0
1000 0111
87
FX: define the horizontal char size
WF=0: 16-line AC drive
WF=1: two frame AC drive
P3
0
1
0
0000 0000
00
FY: Vertical Char Size
P4
0
1
0
0010 1000
28
C/R: display line address range
P5
0
1
0
0100 0101
45
TC/R: Line length selection
P6
0
1
0
1110 1111
EF
L/F: Frame Height selection
P7
0
1
0
0010 1000
28
APL: Horizontal address range (low byte)
P8
0
1
0
0000 0000
00
APH: Horizontal address range (high byte)
DISP
ON/OFF
-
1
1
0
0101 1001
59
Enable
P1
0
1
0
0000 0100
04
SCROLL
-
1
1
0
0100 0100
44
Set cursor type (with 10 parameters)
P1
0
1
0
0000 0000
00
SAD 1L
P2
0
1
0
0000 0000
00
SAD 1H
P3
0
1
0
1110 1111
EF
SL1
P4
0
1
0
0000 0000
00
SAD 2L
P5
0
1
0
0000 0000
00
SAD 2H
P6
0
1
0
1110 1111
EF
SL2
P7
0
1
0
0000 0000
00
SAD3L
P8
0
1
0
0000 0000
00
SAD3H
CSRDIR
-
1
1
0
0100 1100
4C
Set Direction of Cursor movement
HDOT SCR
-
1
1
0
0101 1010
5A
Set horizontal scroll position (with 1 parameters)
P1
0
1
0
0000 0000
00
OVLAY
-
1
1
0
0101 1011
5B
Set display overlay format (with 1 parameters)
P1
0
1
0
0000 1101
0D
CSRW
-
1
1
0
0100 0110
46
Set cursor address (with 2 parameters)
P1
0
1
0
0000 0000
00
CSRL
P2
0
1
0
0000 0000
00
CSRH
MWRITE
-
1
1
0
0100 0010
42
Write to display memory (with n parameters)
P1
0
1
0
Memory Data
**
Display memory data
:
:
:
:
:
**
Pn
0
1
0
Memory Data
**
Note:
For details please refer to RA8835 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com