| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL70 Datasheet(PDF) 1 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
TL70 Datasheet(HTML) 1 Page - Banner Engineering Corp. |
|
1 / 3 page ![]() Datasheet • Install a MP3 or WAV file, up to 130 seconds in length • Continuous sound file playback • Flash memory can be re-programmed multiple times • Simple to use Windows® 1 interface Models TL70 Segment Housing Audible Alarm Housing Color SG-TL70 – AP - Programmable Audible Blank - Black C - Gray For example, SG-TL70-AP (Programmable audible in black housing). For more information regarding TL70 Modular Tower Light Final Assemblies, refer to the following documents: • TL70 Modular Tower Light Final Assembly Datasheet (p/n 182214) • TL70 Wireless Modular Tower Light Datasheet (p/n 185469) • TL70 Universal AC Voltage Modular Tower Light Datasheet (p/n 191349) WARNING: Risk of Hearing Loss— All effective warning horns produce loud sounds that may cause, in certain situations, permanent hearing loss. The device should be installed far enough away from potential listeners to limit their exposure while still maintaining its effectiveness. Reference OSHA Code of Federal Regulations 1910.95 Noise Standard for guidelines that may be used regarding permissible noise exposure levels. Configure the DIP Switches ON DIP Switch 1 (SW1) 1 2 3 4 5 6 7 8 Input channel select–Use switch positions 1 through 6 on SW1, to select the channel that would be used to operate the audible module. Switch positions 7 and 8 are not used. 1 Microsoft and Windows are registered trademarks of Microsoft Corporation in the United States and/or other countries. TL70 Programmable Audible Tower Light Module Original Document 196627 Rev. B 14 December 2018 196627 |
Número de pieza similar - TL70 |
|
Descripción similar - TL70 |