Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBMLM358AMS8 Datasheet(PDF) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

No. de pieza CBMLM358AMS8
Descripción Electrónicos  OPERATION INSTRUCTION
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Página de inicio  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBMLM358AMS8 Datasheet(HTML) 4 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBMLM358AMS8 Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AMS8 Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AMS8 Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AMS8 Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AMS8 Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AMS8 Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AMS8 Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AMS8 Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBMLM358AMS8 Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
www.corebai.com
CBMLM321-CBMLM358-CBMLM324
OPERATION INSTRUCTION
ELECTRICAL CHARACTERISTICS
(At VS = +15V, TA=25℃, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
CBMLM321/CBMLM358/CBMLM324
TYP
MIN/MAX OVER
TEMPERATURE
+25℃
+25℃ UNITS MIN/MAX
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
VCM = VS/2
0.4
5
mV
MAX
Input Bias Current
IB
44
nA
TYP
Input Offset Current
IOS
3
nA
TYP
Common-Mode
Voltage
Range
VCM
VS = 5.5V
-0.1 to +4
V
TYP
Common-Mode
Rejection
Ratio
CMRR
VCM = 0V to VS-1.5V
90
70
dB
MIN
Open-Loop Voltage Gain
AOL
RL = 5kΩ,VO = 1V to
11V
100
90
dB
MIN
Input Offset Voltage Drift
∆VOS/∆T
7
µV/℃
TYP
OUTPUT CHARACTERISTICS
Output Voltage Swing from
Rail
VOH
RL = 2kΩ
11
V
MIN
VOL
RL = 2kΩ
5
20
mV
MAX
VOH
RL = 10kΩ
12
13
V
MIN
VOL
RL = 10kΩ
5
20
mV
MAX
Output Current
ISOURCE
RL = 10Ω to VS/2
40
60
mA
MAX
ISINK
40
60
POWER SUPPLY
Operating Voltage Range
3
V
MIN
24
V
MAX
Power Supply Rejection Ratio
PSRR
VS = +5V to +30V,
VCM = +0.5V
100
75
dB
MIN
Quiescent Current / Amplifier
IQ
250
400
μA
MAX
DYNAMIC PERFORMANCE
Gain-Bandwidth Product
GBP
1
MHz
TYP
Slew Rate
SR
G = +1, 2V Output
Step
0.4
V/μs
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com