| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMB18A Datasheet(PDF) 4 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
SMB18A Datasheet(HTML) 4 Page - Banner Engineering Corp. |
|
4 / 13 page ![]() Glass Fiber Installation O-ring Retaining Clip 1. Install the O-ring (supplied with the fiber) on each fiber end, as shown in the drawing. 2. While pressing the fiber ends firmly into the ports on the sensor front, slide the U-shaped retaining clip (supplied with the sensor) into the slot in the sensor's barrel, until it snaps into place. Plastic Fiber Installation Trimmed fiber control ends Plastic fiber emitter port Plastic fiber receiver port Gripper Unlock Lock Adapters for 0.25- and 0.5-mm fibers Sensor Face 1. With supplied fiber cutter, make a clean cut at the control ends of fibers. 2. Unlock the fiber gripper as shown in the drawing. 3. Apply appropriate fiber adaptors to the fiber, if needed. 4. Gently insert the prepared fiber ends into the ports as far as they will go. 5. Slide the fiber gripper back to lock, as shown in the drawing. Static Teach Sensor positions threshold between taught conditions Output OFF Output ON 2nd Taught Condition 1st Taught Condition The two sensing conditions may be presented in either order. The condition presented first is the condition for which the output will energize (the “Output ON” target). Sensitivity is automatically set (and optimized) when teaching the sensor the ON and OFF conditions. When the push button is clicked, the sensor samples each sensing condition and registers it into memory. After the second sensing condition is registered, the MINI-BEAM Expert automatically sets the sensitivity to the optimum value for the application, and then returns to RUN mode. Push button (0.04 seconds ≤ “Click” ≤ 0.8 seconds); Remote line (0.04 seconds ≤ “T” ≤ 0.8 seconds) 1. Access TEACH mode. Method Action Result Via push button Press and hold push button until the bi-color (green/ red) indicator begins to flash red, or turns OFF. Push button method only: The amber LED is on. The red LED pulses to indicate relative received signal strength. The sensor is ready for the output ON condition. Via remote line No action required; sensor is ready for 1st sensing condition. MINI-BEAM SME312 Expert Series 4 www.bannerengineering.com - Tel: +1-763-544-3164 P/N 55214 Rev. G |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |