| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IDTCSPT857APAI Datasheet(PDF) 7 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDTCSPT857APAI Datasheet(HTML) 7 Page - Integrated Device Technology |
|
7 / 12 page ![]() 7 IDTCSPT857/A 2.5V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER COMMERCIALANDINDUSTRIALTEMPERATURERANGES TEST CIRCUIT AND SWITCHING WAVEFORMS Figure 1. Output Load VDD CSPT857/A VSS R = 120 Ω Z = 60 Ω Z = 60 Ω C = 14pF C = 14pF VSS VSS VDDQ/2 VDDQ/2 R = 10 Ω Z = 60 Ω Z = 60 Ω C = 14pF C = 14pF Z = 50 Ω Z = 50 Ω R = 50 Ω R = 50 Ω 0V 0V R = 10 Ω SCOPE CSPT857/A VDDQ/2 VDDQ/2 Figure 2. Output Load Test Circuit |