Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WR04X221_PQLV Datasheet(PDF) 2 Page - WALSIN TECHNOLOGY CORPORATION

No. de pieza WR04X221_PQLV
Descripción Electrónicos  General purpose chip resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Página de inicio  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WR04X221_PQLV Datasheet(HTML) 2 Page - WALSIN TECHNOLOGY CORPORATION

  WR04X221_PQLV Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION WR04X221_PQLV Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION WR04X221_PQLV Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION WR04X221_PQLV Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WR04X221_PQLV Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WR04X221_PQLV Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WR04X221_PQLV Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WR04X221_PQLV Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WR04X221_PQLV Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Approval sheet
Page 2 of 9
ASC_WR_V_V06
Jul-2011
FEATURE
1.
Automotive grade AEC Q-200 compliant
2.
Anti-sulfuration ASTM B-809 compliant
3.
100% CCD inspection
4.
RoHS compliant and Lead free
APPLICATION
•
Automotive application
•
Consumer electrical equipment
•
EDP, Computer application
•
Telecom application
DESCRIPTION
The resistors are constructed in a high grade ceramic body (aluminum oxide). Internal metal electrodes are
added at each end and connected by a resistive paste that is applied to the top surface of the substrate. The
composition of the paste is adjusted to give the approximate resistance required and the value is trimmed to
within tolerance by laser cutting of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end terminations are added. For
ease of soldering the outer layer of these end terminations is a Tin (lead free) alloy.
Fig 1. Construction of Chip-R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com