| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMB1815SF Datasheet(PDF) 2 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
SMB1815SF Datasheet(HTML) 2 Page - Banner Engineering Corp. |
|
2 / 8 page ![]() Features and Indicators U-GAGE ™ ANALOG POWER SIGNAL OUTPUT DISCRETE U-GAGE™ ANALOG POWER SIGNAL OUTPUT DISCRETE Green Power ON/OFF LED Amber Analog Output LED Red Signal Strength LED Analog Output Programming Push Button Amber Discrete Output LED Discrete (Switched) Output Programming Push Button Figure 1. U-GAGE T30 Series sensor programming push buttons and indicators Note: All LED indicators momentarily turn off when the sensor changes state between Program and Run modes. The U-GAGE sensor has four LED indicators. The red Signal LED indicates the strength and condition of the sensor's incoming signal. Each amber Output LED, whether analog or discrete, turns on when a target is sensed within the programmed window limits. The green Power ON/OFF LED indicates the operating status of the sensor. There are two modes of indication for the LED indicators: Run Mode and Program Mode. In Run mode: Indicator Mode Description Green Power ON/OFF LED Off Power is OFF On Power is ON, sensor is operating normally Flashing Discrete output is overloaded Red Signal Strength LED Off No signal is received, or the target is beyond the range limitations of the sensor (with some tolerance beyond the recommended minimum and maximum sensing distance) Flashing Relative received signal strength; the faster the LED flashes, the stronger the signal Amber Analog Output LED On Target is inside window limits Amber Discrete Output LED On Output conducting In Program mode: Indicator Mode Description Green Power ON/OFF LED Off Sensor is in Program mode, if other LEDs are ON Red Signal Strength LED Flashing Relative received signal strength; the faster the LED flashes, the stronger the signal Amber Analog Output LED On Ready for first window limit Flashing Ready for second window limit Off Not teaching analog limits Analog Discrete Output LED On Ready for first window limit Flashing Ready for second window limit Off Not teaching discrete limits U-GAGE® T30 Series with Analog and Discrete Outputs 2 www.bannerengineering.com - Tel: + 1 888 373 6767 P/N 57438 Rev. D |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |