Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WM07B Datasheet(PDF) 10 Page - WALSIN TECHNOLOGY CORPORATION

No. de pieza WM07B
Descripción Electrónicos  High Precision Thin Film MELF Resistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Página de inicio  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

WM07B Datasheet(HTML) 10 Page - WALSIN TECHNOLOGY CORPORATION

Back Button WM07B Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION WM07B Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Approval Sheet
Page 10 of 12
ASC_WMxxB&C
Aug - 2018
PULSE LOAD PERFORMANCE:
Single Pulse
Single Pulse for
R
10
Ω
50 rectangular pulse amplitudes are applied to the component at intervals of 60seconds,
permissible the resistance to be varied by ± (0.5% R + 0.01Ω).
Continuous Pulse
Continuous Pulse for
R
10
Ω
Continuous load is a pulse period generated by the repetitive rectangular pulse amplitude,
the applied power dissipation is at a rated power of 70 ° C.
Permissible the resistance to be varied by ± (0.5% R + 0.01Ω)
.
10us
100us
1ms
10ms
100ms
1s
10s
Pulse Duration (Sec)
10us
100us
1ms
10ms
100ms
1s
10s
Pulse Duration (sec)
WM07
WM04
WM07
WM04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com