| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AS136N Datasheet(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74AS136N Datasheet(HTML) 3 Page - Texas Instruments |
|
3 / 5 page ![]() UNIT UNIT VOL V TEST CONDITIONS PARAMETER PARAMETER UNIT ns ns Y Y SN54ALS136, SN74ALS136 QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES WITH OPEN-COLLECTOR OUTPUTS SDAS162 – MARCH 1984–REVISED OCTOBER 1988 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 3 absolute maximum ratings over operating free-air temperature range (unless otherwise noted) Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Off-state output voltage 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range: SN54ALS136 –55 °C to 125°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74ALS136 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . recommended operating conditions SN54ALS136 SN74ALS136 MIN NOM MAX MIN NOM MAX VCC Supply Voltage 4.5 5 5.5 4.5 5 5.5 V VIH High-level input Voltage 2 2 V VIL Low-level input voltage 0.7 0.8 V VOH High-level output current 5.5 5.5 V IOL Low-level output current 4 8 mA TA Operating free-air temperature –55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) SN54ALS136 SN74ALS136 MIN TYP† MAX MIN TYP† MAX VIK VCC = 4.5 V, II = –18 mA –1.5 –1.5 V IOH VCC = 4.5 V, VOH = 5.5 V 0.1 0.1 mA VCC = 4.5 V, IOL = 4 mA 0.25 0.4 0.25 0.4 VCC = 4.5 V, IOL = 8 mA 0.35 0.5 II VCC = 5.5 V, VI = 7 V 0.1 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 20 µA IIL VCC = 5.5 V, VI = 0.4 V –0.1 –0.1 mA ICC VCC = 5.5 V All inputs at 4.5 V 3.9 5.9 3.9 5.9 mA † All typical values are at VCC = 5, TA = 25°C. switching characteristics (see Note 1) VCC = 4.5 V to 5.5 V, CL = 50 pF, FROM TO RL = 2 kΩ, (INPUT) (OUTPUT) TA = MIN to MAX SN54ALS136 SN74ALS136 MIN MAX MIN MAX tPLH A or B 20 55 20 50 tPHL (other input low) 3 18 3 15 tPLH A or B 20 55 20 50 tPHL (other input low) 3 18 3 15 NOTE 1: Load circuit and voltage waveforms are shown in Section 1 of the ALS/AS Logic Data Book, 1986. |