Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTC1698IGN Datasheet(PDF) 2 Page - Linear Technology

No. de pieza LTC1698IGN
Descripción Electrónicos  Isolated Secondary Synchronous Rectifier Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LTC1698IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC1698IGN Datasheet HTML 1Page - Linear Technology LTC1698IGN Datasheet HTML 2Page - Linear Technology LTC1698IGN Datasheet HTML 3Page - Linear Technology LTC1698IGN Datasheet HTML 4Page - Linear Technology LTC1698IGN Datasheet HTML 5Page - Linear Technology LTC1698IGN Datasheet HTML 6Page - Linear Technology LTC1698IGN Datasheet HTML 7Page - Linear Technology LTC1698IGN Datasheet HTML 8Page - Linear Technology LTC1698IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1698
1698f
(Note 1)
VDD, PWRGD ....................................................... 13.2V
Input Voltage
MARGIN, VFB, OVPIN, ISNSGND, ISNS ... –0.3V to 5.3V
SYNC ..................................................... – 14V to 14V
Output Voltage
VCOMP, ICOMP (Note 2)......................... –0.3V to 5.3V
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1698E (Note 3) ............................ – 40
°C to 85°C
LTC1698I ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LTC1698EGN
LTC1698ES
LTC1698IGN
LTC1698IS
TJMAX = 125°C, θJA = 130°C/W (GN)
TJMAX = 125°C, θJA = 110°C/W (SO)
GN PACKAGE
16-LEAD PLASTIC SSOP
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
VDD
CG
PGND
GND
OPTODRV
VCOMP
MARGIN
VFB
FG
SYNC
VAUX
ICOMP
ISNS
ISNSGND
PWRGD
OVPIN
The q indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 8V, unless otherwise noted. (Note 4)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
q
6
8
12.6
V
VUVLO
Undervoltage Lockout
4V
IVDD
VDD Supply Current
VFB, OVPIN, VISNS, VISNSGND = 0V,
CFG = CCG = 1000pF, CVAUX = 0.1µF,
VSYNC = 0V
q
1.8
4
mA
fSYNC = 100kHz (Note 5)
5.0
mA
MARGIN and Error Amplifier
VFB
Feedback Voltage
MARGIN = Open, VCOMP = 1V (Note 7)
1.223
1.233
1.243
V
q
1.215
1.233
1.251
V
IVFB
Feedback Input Current
VFB = 1.233V
q
0.05
1
µA
VMARGIN
MARGIN Voltage
MARGIN = Open
1.65
V
RMARGIN
MARGIN Input Resistance
16.5
k
Ω
∆VFB
Feedback Voltage Adjustment
VMARGIN = 3.3V
q
456
%
VMARGIN = 0V
q
–6
–5
–4
%
GERR
Error Amplifier Open-Loop DC Gain
VCOMP = 0.8V to 1.2V, Load = 2kΩ, 100pF
q
65
90
dB
BWERR
Error Amplifier Unity-Gain Bandwidth
No Load (Note 6)
2
MHz
VCLAMP
Error Amplifier Output Clamp Voltage
VFB = 0V
2
V
IVCOMP
Error Amplifier Source Current
VFB = 0V
q
–25
– 10
mA
Error Amplifier Sink Current
VFB = 5V, VCOMP = 1.233V
q
37
mA
OPTODRV
GOPTO
Opto Driver DC Gain
OVPIN, VISNS, VISNSGND = 0V
q
4.75
5
5.25
V/V
BWOPTO
Opto Driver Unity-Gain Bandwidth
No Load (Note 6)
1
MHz
VOPTOHIGH
Opto Driver Output High Voltage
VFB, OVPIN, VISNSGND = 0V, VISNS = – 50mV,
IOPTODRV = –10mA
q
45
V
IOPTOSC
Opto Driver Output Short-Circuit Current
OVPIN, VISNSGND, VISNS = 0V, VFB = 1.233V
q
–50
– 25
–10
mA
GN PART MARKING
1698
1698I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24