Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

32D142K Datasheet(PDF) 1 Page - Shanghai Yint Electronic Co., Ltd

No. de pieza 32D142K
Descripción Electrónicos  32D Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YINT [Shanghai Yint Electronic Co., Ltd]
Página de inicio  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

32D142K Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

  32D142K Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 32D142K Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 32D142K Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High-Energy Varistors
Trustworthy electronic circuit protection
expert
32D series
www.yint.com.cn
Rev:19.3
1
32D Series
产品简介
压敏电阻的本体是由氧化锌颗粒组成的矩阵结构。颗粒之间的晶
界类似双向
PN 结的电气特性,当低电压时,这些晶界处于高阻
抗状态,当电压高时,又会处于击穿状态,是一种非线性器件。。
Product Profile
The body of varistor is a matrix structure composed of zinc
oxide particles. The grain boundaries between particles are
similar to the electrical characteristics of bidirectional PN
junctions. When the voltage is low, these grain boundaries are
in the high impedance state, and when the voltage is high, they
will be in the breakdown state, which is a kind of non-linear
device.
应用领域:
通讯基站电源
铁路信号电源
1000V 以下低压配电设备、控制设备等等。
楼宇配电
电焊机
Application
Communication base station power supply
Railway signal power supply
Low voltage distribution equipment, control equipment, etc.
below 1000V
Building distribution
Electric welder
产品料号代码
HOW TO ORDER
产品外形
Product Shape
Bulk Straight
标准外形
Cutting Straight
切短脚
Out Forming
外弯脚
Y-Forming
Y 型脚
Cutting Bending
折脚
口
K 的详解 Detailed explanation of
口中的内容
K
KJ
KH
KH+
7
形状类
Series
D 圆片形 Disk Series
S 方片形 Square Series
包 装 方 式
Manner of
packing
T 编带包装 Braided packing
压敏电阻
Varistor Voltage
最后一位数是
0 的个数 The last digit is
the number of zeros.
180=18V
201=200V
182=1800V
瓷片直径或边长
Element Size
压敏电压允许偏差
Varistor voltage allowable
deviation
K ±10%
L ±15%
D
4
7
1
K
T


Número de pieza similar - 32D142K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ruilongyuan Electronics...
32D142K RUILON-32D142K Datasheet
765Kb / 6P
Metal Oxide Varistors
logo
StarHope
32D142K SPSEMI-32D142K Datasheet
373Kb / 2P
Varistor Type MYG
logo
HuaXinAn Electronics CO...
32D142K HUAXINAN-32D142K Datasheet
191Kb / 4P
Metal Oxide Varistors (MOV)
logo
Shanghai Leiditech Elec...
32D142K LEIDITECH-32D142K Datasheet
380Kb / 4P
Metal Oxide Varistors
logo
UN Semiconducctor INC
32D142K UNSEMI-32D142K Datasheet
3Mb / 6P
Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Descripción similar - 32D142K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
MC1489 ONSEMI-MC1489_06 Datasheet
156Kb / 12P
Quad Line EIA??32D Receivers
October, 2006 ??Rev. 10
MC3488A ONSEMI-MC3488A_06 Datasheet
79Kb / 6P
Dual EIA??23/EIA??32D Line Driver
July, 2006 ??Rev. 5
logo
Grayhill, Inc
70GRCP32-HL GRAYHILL-70GRCP32-HL Datasheet
693Kb / 2P
RACKS 32 Channel Parallel Controller Board for 72-PMX-32D
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com