Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STTH60L06W Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STTH60L06W
Descripción Electrónicos  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60L06W Datasheet(HTML) 5 Page - STMicroelectronics

  STTH60L06W Datasheet HTML 1Page - STMicroelectronics STTH60L06W Datasheet HTML 2Page - STMicroelectronics STTH60L06W Datasheet HTML 3Page - STMicroelectronics STTH60L06W Datasheet HTML 4Page - STMicroelectronics STTH60L06W Datasheet HTML 5Page - STMicroelectronics STTH60L06W Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STTH60L06
5/6
Figure 12: DO-247 Package Mechanical Data
F2
V2
L4
L2
L1
L3
D
L
L5
ME
H
V
V
A
Dia.
F3
G
F
Table 7: Ordering Information
■ Epoxy meets UL94, V0
■ Cooling method: by conduction (C)
■ Recommended torque value: 0.8 m.N.
■ Maximum torque value: 1.0 m.N.
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH60L06W
STTH60L06W
DO-247
4.40 g
30
Tube
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
4.85
5.15 0.191
0.203
D
2.20
2.60 0.086
0.102
E
0.40
0.80 0.015
0.031
F
1.00
1.40 0.039
0.055
F2
2.00
0.078
F3
2.00
2.40 0.078
0.094
G
10.90
0.429
H
15.45
15.75 0.608
0.620
L
19.85
20.15 0.781
0.793
L1
3.70
4.30 0.145
0.169
L2
18.50
0.728
L3
14.20
14.80 0.559
0.582
L4
34.60
1.362
L5
5.50
0.216
M
2.00
3.00 0.078
0.118
V5°
5°
V2
60°
60°
Dia.
3.55
3.65 0.139
0.143
Table 8: Revision History
Date
Revision
Description of Changes
07-Sep-2004
1
First issue
10-Sep-2004
2
Junction to case value (page 2) changed from 0.70 °C/W
to 0.75°C/W



Html Pages

1 2 3 4 5 6