Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AA3528VRVCS/A Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No. de pieza AA3528VRVCS/A
Descripción Electrónicos  3.5 x 2.8 mm Surface Mount LED Lamp
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Página de inicio  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AA3528VRVCS/A Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AA3528VRVCS/A Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRVCS/A Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRVCS/A Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRVCS/A Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRVCS/A Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAK5296 / 1201006174 Rev No: V.6B Date: 12/22/2017
Page 4 / 5
CIE CHROMATICITY DIAGRAM
x
y
x
y
x
y
VA1
0.4735
0.2451
VC1
0.3629
0.1737
0.2556
0.1044
0.4548
0.2330
0.3448
0.1620
0.2380
0.0931
0.4783
0.2194
0.3713
0.1518
0.2682
0.0867
0.4964
0.2309
0.3888
0.1629
0.2850
0.0973
VA2
0.4548
0.2330
VC2
0.3448
0.1620
VE2
0.2380
0.0931
0.4363
0.2211
0.3267
0.1504
0.2205
0.0818
0.4602
0.2080
0.3538
0.1408
0.2514
0.0761
0.4783
0.2194
0.3713
0.1518
0.2682
0.0867
VA3
0.4363
0.2211
VC3
0.3267
0.1504
VE3
0.2205
0.0818
0.4178
0.2091
0.3088
0.1388
0.2030
0.0705
0.4422
0.1966
0.3364
0.1298
0.2347
0.0656
0.4602
0.2080
0.3538
0.1408
0.2514
0.0761
VB1
0.4178
0.2091
VD1
0.3088
0.1388
VF1
0.2030
0.0705
0.3994
0.1973
0.2910
0.1273
0.1857
0.0593
0.4243
0.1853
0.3192
0.1189
0.2182
0.0551
0.4422
0.1966
0.3364
0.1298
0.2347
0.0656
VB2
0.3994
0.1973
VD2
0.2910
0.1273
VF2
0.1857
0.0593
0.3811
0.1855
0.2732
0.1158
0.1683
0.0481
0.4065
0.1741
0.3021
0.1081
0.2018
0.0448
0.4243
0.1853
0.3192
0.1189
0.2182
0.0551
VB3
0.3811
0.1855
VD3
0.2732
0.1158
VF3
0.1683
0.0481
0.3629
0.1737
0.2556
0.1044
0.1510
0.0369
0.3888
0.1629
0.2850
0.0973
0.1856
0.0345
0.4065
0.1741
0.3021
0.1081
0.2018
0.0448
VE1
Notes:
Shipment may contain more than one chromaticity regions.
Orders for single chromaticity region are generally not accepted.
Measurement tolerance of the chromaticity coordinates is ±0.01.
VF
VE
VD
VC
VB
VA
0.0
0.1
0.2
0.3
0.1
0.2
0.3
0.4
0.5
0.6
x
y
VA1
VA2
VA3
VB1
VB2
VB3
VC1
VC2
VC3
VD1
VD2
VD
VE1
VE2
VE3
VF1
VF2
VF3
AA3528VRVCS/A



Html Pages

1 2 3 4 5