Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AA3528VRBXS/A-SC-AMT Datasheet(PDF) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

No. de pieza AA3528VRBXS/A-SC-AMT
Descripción Electrónicos  3.5 x 2.8 mm Surface Mount LED Lamp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Página de inicio  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

AA3528VRBXS/A-SC-AMT Datasheet(HTML) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  AA3528VRBXS/A-SC-AMT Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. AA3528VRBXS/A-SC-AMT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2017 Kingbright. All Rights Reserved. Spec No: DSAL5014 / 1201007473 Rev No: V.5B Date: 09/27/2017
Page 5 / 6
AA3528VRBXS/A-SC-AMT
RELIABILITY TEST ITEMS AND CONDITIONS
The reliability of products shall be satisfied with items listed below
LOT TOLERANCE PERCENT DEFECTIVE (LTPD) : 10%
No.
Test Item
Standards
Test Condition
Test Times /
Cycles
Number of
Damaged
1
Continuous operating test
-
Ta = 25°C, IF = maximum rated current *
1,000 h
0 / 22
2
High Temp. operating test
EIAJ ED-4701/100(101)
Ta = 100°C, IF = derated current at 100°C
1,000 h
0 / 22
3
Low Temp. operating test
-
Ta = -40°C, IF = maximum rated current *
1,000 h
0 / 22
4
High temp. storage test
EIAJ ED-4701/100(201)
Ta = maximum rated storage temperature
1,000 h
0 / 22
5
Low temp. storage test
EIAJ ED-4701/100(202)
Ta = -40°C
1,000 h
0 / 22
6
High temp. & humidity storage test
-
Ta = 60°C, RH = 90%
500 h
0 / 22
7
High temp. & humidity operating test
-
Ta = 60°C, RH = 90% IF = derated current at 60°C
500 h
0 / 22
8
Soldering reliability test
EIAJ ED-4701/100(301)
Moisture soak: 30°C, 70% RH, 72h
Preheat: 150~180°C (120s max.)
Soldering temp: 260°C(10s)
2 times
0 / 18
9
Thermal shock operating test
-
Ta = -40°C(15min) ~ 100°C(15min)
IF = derated current at 100°C
1,000 cycles
0 / 22
10
Thermal shock test
-
Ta = -40°C(15min) ~ 100°C(15min)
1,000 cycles
0 / 22
11
Electric Static Discharge (ESD)
EIAJ ED-4701/100(304)
C = 100pF, R2 = 1.5KΩ V = 250V
Once each
Polarity
0 / 22
12
Vibration test
-
a = 196m/s², f = 100~2KHz, t = 48min for all xyz axes
4 times
0 / 22
* : Refer to forward current vs. derating curve diagram
CRITERIA FOR JUDGING DAMAGE
Items
Symbols
Conditions
Failure Criteria
luminous Intensity
lV
IF = 20mA
Testing Min. Value < Spec. Min. Value x 0.5
Forward Voltage
VF
IF = 20mA
Testing Max. Value ≥ Spec. Max. Value x 1.2
Reverse Current
IR
VR = Maximum Rated Reverse Voltage
Testing Max. Value ≥ Spec. Max. Value x 2.5
High temp. storage test
-
-
Occurrence of notable decoloration,
deformation and cracking



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com