Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD36VAP Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

No. de pieza ESD36VAP
Descripción Electrónicos  ESD Protection Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YINT [Shanghai Yint Electronic Co., Ltd]
Página de inicio  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

ESD36VAP Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  ESD36VAP Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd ESD36VAP Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd ESD36VAP Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ESD Protection Diode
Trustworthy electronic circuit protection expert
ESD36VAP
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Characteristics Curves
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-off
Voltage
V
RWM
36
V
Reverse Breakdown
Voltage
V
BR
It = 1mA
40
V
Reverse Leakage
Current
IR
VR =VRWM
1
μA
Clamping Voltage
VC
@1A
51
V
@2A
76.8
V
Junction Capacitance
CJ
VR=0V, f = 1MHz
60
pF
Figure 1- Power Derating Curve
Figure 2- ESD Pulse Waveform
(according to IEC 61000-4-2)



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com