| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADP1071-1ACCZ-R7 Datasheet(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1071-1ACCZ-R7 Datasheet(HTML) 5 Page - Analog Devices |
|
5 / 27 page ![]() Data Sheet ADP1071-1/ADP1071-2 Rev. B | Page 5 of 27 Parameter Symbol Test Conditions/Comments Min Typ Max Unit CURRENT-LIMIT SENSE (PRIMARY) CS Limit Threshold VCS_LIM Overcurrent sense limit threshold 120 mV CS Leading Edge Blanking Time 150 ns Current Source di/dt for Slope Compensation Switching period (tS) = 1/fS 20 µA per tS Overcurrent Protection (OCP) Comparator Delay 40 ns Time in OCP Before Entering Hiccup Mode 1.5 ms OCP Hiccup Time See the Input/Output Current-Limit Protection section 40 ms FB PIN AND ERROR AMPLIFIER Feedback Accuracy Voltage VFB TJ = −40°C to +85°C −0.85% +1.2 +0.85% V TJ = −40°C to +125°C −1.25% +1.2 +1.25% V Temperature Coefficient 76 ppm/°C FB Input Bias Current −100 1 +100 nA Transconductance gm 230 250 270 µS Output Current Clamp Minimum −57 µA Maximum 43 µA COMP Clamp Voltage Maximum 2.52 V Minimum 0.7 V Open-Loop Gain 80 dB Output Shunt Resistance 5 GΩ Gain Bandwidth Product 1 MHz PRECISION ENABLE THRESHOLD EN Threshold VEN EN rising 1.14 1.2 1.26 V EN Hysteresis VEN < 1.2 V 4 µA VEN > 1.2 V 1 µA EN Hysteresis Current 3 µA LIGHT LOAD MODE (ADP1071-1 ONLY) LLM Current Source Resistor from MODE to AGND1 5.5 6.5 7.5 µA TEMPERATURE Thermal Shutdown 155 °C Hysteresis −15 °C SOFT START Open Loop Soft Start Time on Primary tSS1 GATE resistor = 10 kΩ 16 × 775 tS GATE resistor = 22 kΩ 64 × 775 tS GATE resistor = 47 kΩ 256 × 775 tS GATE resistor = 100 kΩ 4 × 775 tS SS2 Current Source During startup 20 µA SS2 Discharging Current During a fault condition or soft stop 30 µA |