Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM186ED Datasheet(PDF) 87 Page - Advanced Micro Devices

No. de pieza AM186ED
Descripción Electrónicos  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 80Page - Advanced Micro Devices AM186ED Datasheet HTML 81Page - Advanced Micro Devices AM186ED Datasheet HTML 82Page - Advanced Micro Devices AM186ED Datasheet HTML 83Page - Advanced Micro Devices AM186ED Datasheet HTML 84Page - Advanced Micro Devices AM186ED Datasheet HTML 85Page - Advanced Micro Devices AM186ED Datasheet HTML 86Page - Advanced Micro Devices AM186ED Datasheet HTML 87Page - Advanced Micro Devices AM186ED Datasheet HTML 88Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
Am186ED/EDLV Microcontrollers
87
PRELI M INARY
D
RA
F T
TQFP PHYSICAL DIMENSIONS
PQL 100, Trimmed and Formed
Thin Quad Flat Pack
1.00 REF.
1.60 MAX
11
° – 13°
11
° – 13°
0.50 BSC
100
1
1.35
1.45
15.80
16.20
13.80
14.20
15.80
16.20
13.80
14.20
0.17
0.27
16-038-PQT-2_AI
PQL100
9.3.96 lv
Notes:
1. All measurements are in millimeters, unless otherwise noted.
2. Not to scale; for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88