Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC846BHZG Datasheet(PDF) 2 Page - Rohm

No. de pieza BC846BHZG
Descripción Electrónicos  NPN General purpose transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BC846BHZG Datasheet(HTML) 2 Page - Rohm

  BC846BHZG Datasheet HTML 1Page - Rohm BC846BHZG Datasheet HTML 2Page - Rohm BC846BHZG Datasheet HTML 3Page - Rohm BC846BHZG Datasheet HTML 4Page - Rohm BC846BHZG Datasheet HTML 5Page - Rohm BC846BHZG Datasheet HTML 6Page - Rohm BC846BHZG Datasheet HTML 7Page - Rohm BC846BHZG Datasheet HTML 8Page - Rohm BC846BHZG Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
     
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
65
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
120
mA
Power dissipation
PD*2
200
mW
PD*3
350
mW
Junction temperature
Tj
150
Range of storage temperature
Tstg
-55 to +150
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = 50μA
80
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = 1mA
65
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = 50μA
6
-
-
V
Collector cut-off current
ICBO
VCB = 30V
-
-
15
nA
VCB = 30V, Ta = 150
-
-
5
μA
Collector-emitter saturation voltage
VCE(sat)1 IC = 10mA, IB = 0.5mA
-
60
180
mV
VCE(sat)2 IC = 100mA, IB = 5mA
-
170
400
mV
Base-emitter turn
on voltage
VBE(on) VCE = 5V, IC = 2mA
580
-
700
mV
DC current gain
hFE
VCE = 5V, IC = 2mA
200
-
450
-
Transition frequency
fT
VCE = 10V, IE = 10mA,
f = 100MHz
-
300
-
MHz
Output capacitance
Cob
VCB = 10V, IE = 0A
f = 1MHz
-
2.5
4.0
pF
Input capacitance
Cib
VBE = 0.5V, IC = 0A
f = 1MHz
-
12
-
pF
*1 Pw=10ms, Single pulse.
*2 Each terminal mounted on a reference land.
*3 Mounted on a ceramic board(7.0×5.0×0.6mm ).
                                            
 
                                        
www.rohm.com
© 2018 ROHM Co., Ltd. All rights reserved.
2/6
20180803 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com